Part Number Hot Search : 
PF0603H3 UPC2410A PJA3402 R1100 RTD15024 RTD15024 78M10 225M0
Product Description
Full Text Search
 

To Download 2N4401-AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2n4401 npn general purpose amplifier to-92 features ? through hole package ? capable of 600mwatts of power dissipation electrical characteristics @ 25 c unless otherwise specified symbol parameter min max units off characteristics v (br)ceo collector-emitter breakdown voltage* (i c =1.0madc, i b =0) 40 vdc v (br)cbo collector-base breakdown voltage (i c =10madc, i e =0) 60 vdc v (br)ebo emitter-base breakdown voltage (i e =0.1madc, i c =0) 6.0 vdc i bl base cutoff current (v ce =35vdc, v be =0.4vdc) 0.1 adc i cex collector cutoff current (v ce =35vdc, v be =0.4vdc) 0.1 adc on characteristics h fe dc current gain* (i c =0.1madc, v ce =1.0vdc) (i c =1.0madc, v ce =1.0vdc) (i c =10madc, v ce =1.0vdc) (i c =150madc, v ce =1.0vdc) (i c =500madc, v ce =1.0vdc) 20 40 80 100 300 40 v ce(sat) collector-emitter saturation voltage (i c =150madc, i b =15madc) (i c =500madc, i b =50madc) 0.4 0.75 vdc v be(sat) base-emitter saturation voltage (i c =150madc, i b =15madc) (i c =500madc, i b =50madc) 0.75 0.95 1.2 vdc small-signal characteristics f t current gain-bandwidth product (i c =20madc, v ce =10vdc, f=100mhz) 250 mhz c cb collector-base capacitance (v cb =5.0vdc, i e =0, f=100khz) 6.5 pf c eb emitter-base capacitance (v be =0.5vdc, i c =0, f=100khz) 30.0 pf switching characteristics t d delay time (v cc =30vdc, v be =0.2vdc 15 ns t r rise time i c =150madc, i b1 =15madc) 20 ns t s storage time (v cc =30vdc, i c =150madc 225 ns t f fall time i b1 =i b2 =15madc) 30 ns *pulse width 300 s, duty cycle 2.0% dimensions inches mm dim min max min max note a .170 .190 4.33 4.83 b .170 .190 4.30 4.83 c .550 .590 13.97 14.97 d .010 .020 0.36 0.56 e .130 .160 3.30 3.96 g .0 96 .104 2.44 2.64 a e b c d g revision: 6 2010/08/18  
 omp onents 20736 marilla street chatsworth       
     mcc tm micro commercial components  case material: molded plastic. ul flammability classification rating 94v-0 and msl rating 1  marking:type number www. mccsemi .com 1 of 4 ? lead free finish/rohs compliant ("p"suffix designates compliant. see ordering information) e b c
2n4401 dc current gain vs collector current h fe i c (ma) 60 120 180 240 300 360 1 10 100 1000 base-emitter on voltage vs collector current v be(on) - (v) i c - (ma) 0 0.2 0.4 0.6 0.8 1.0 1.2 1 10 100 1000 collector-emitter saturation volatge vs collector current base-emitter saturation voltage vs collector current v ce(sat) - (v) v be(sat) - (v) 0 .04 .08 .12 .16 .20 .24 1.0 10 100 1000 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.0 10 100 1000 i c - (ma) i c - (ma) collector-base diode reverse current vs temperature i cbo - (ma) t j - ( c) 0.1 1.0 10 100 0 25 50 75 100 125 150 v cb = 20v i c /i b = 10 t a = 25 c i c /i b = 10 t a = 25 c v ce = 10v v ce = 10v t a = 25 c t a = 125 c input capacitance vs reverse bias voltage volts - (v) pf 0 8 16 24 32 40 0.1 1.0 10 c eb f = 1mhz mcc revision: 6 2010/08/18 tm micro commercial components www. mccsemi .com 2 of 4
2n4401 maximum power dissipation vs ambient temperature p d(max) - (mw) t a - ( c) to-92 sot-23 0 200 400 600 800 0 50 100 150 200 output capacitance vs reverse bias voltage volts - (v) pf 0 2 4 6 8 10 0.1 1.0 10 c cb f = 1mhz mcc revision: 6 2010/08/18 tm micro commercial components www. mccsemi .com 3 of 4
mcc revision: 6 2010/08/18 tm micro commercial components www. mccsemi .com 4 of 4 ordering information device packing (part number)-ap ammo packing;2kpcs/ammobox (part number)-bp bulk;1kpcs/bag products are represented on our website, harmless against all damages. ***life support*** ***important notice*** without the expresse written approval of micro commercial components corporation. mcc's products are not authorized for use as critical components in life support devices or systems micro commercial components corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose


▲Up To Search▲   

 
Price & Availability of 2N4401-AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X